Part Number Hot Search : 
TMP86 TB9228 PTF22730 M318TCN BF988 MM1068 AM2520EH 03XXX
Product Description
Full Text Search
 

To Download RB0912100KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : 20091221-D PROD. NAME ABC'S DWG NO. PAGE: 1 RB0912L-
RADIAL INDUCTOR
ABC'S ITEM NO.
CONFIGURATION & DIMENSIONS
Marking : " " : Start 101----100 uH (Inductance code ) A B C C E A 101
W
:
8.70.5
m/m m/m m/m m/m m/m m/m
: 10.01.0 : 5.01
A
E : 2.5 max. F : 5.00.8 W : 0.65
F
B
SCHEMATIC DIAGRAM
a
MATERIALS
aCoreFerrite DR core bWireEnamelled copper wire (Class F) cLeadSn/Ag/Cu dTube Shrinkable tube 125 , 600V eRemarkProducts comply with RoHS' requirements d c b
GENERAL SPECIFICATION
aTemp. rise20 max. at rated current. bStorage temp.-40 ---- +105 cOperating temp.-40---- +105
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20091221-D PROD. NAME ABC'S DWG NO. PAGE: 2 RB0912L-
RADIAL INDUCTOR
ABC'S ITEM NO.
ELECTRICAL CHARACTERISTICS
DWG No. RB09121R5ML - RB09122R2ML - RB09123R3ML - RB09124R7ML - RB09126R8ML - RB0912100KL - RB0912150KL - RB0912220KL - RB0912330KL - RB0912470KL - RB0912680KL - RB0912101KL - RB0912151KL - RB0912221KL - RB0912331KL - RB0912471KL - RB0912681KL - RB0912102KL - Inductance ( H ) 1.5 20% 2.2 20% 3.3 20% 4.7 20% 6.8 20% 10.0 10% 15.0 10% 22.0 10% 33.0 10% 47.0 10% 68.0 10% 100.0 10% 150.0 10% 220.0 10% 330.0 10% 470.0 10% 680.0 10% 1000.0 10% Q ref. 30 30 30 30 30 60 50 50 45 40 35 55 40 30 25 25 25 55 Test Freq. ( Hz ) L Q 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 1K 7.960M 7.960M 7.960M 7.960M 7.960M 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.252M SRF ( MHz ) typ. 78.0 63.0 50.0 41.0 33.0 27.0 21.0 17.0 13.0 11.0 9.0 7.2 5.7 4.5 3.6 2.9 2.3 1.9 RDC () max. 0.008 0.010 0.018 0.022 0.028 0.043 0.056 0.086 0.140 0.170 0.280 0.330 0.560 0.720 1.100 1.700 2.300 4.300 IDC (A) max. 5.40 4.50 3.60 3.10 2.50 2.10 1.70 1.40 1.10 0.96 0.79 0.66 0.53 0.44 0.36 0.30 0.25 0.20
1). Packaging information... ABulk 2)."-
":Reference code
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20091221-D PROD. NAME ABC'S DWG NO. PAGE: 3 RB0912L-
RADIAL INDUCTOR
ABC'S ITEM NO.
TAPED PACKAGE DIMENSIONS
H
101
101
P2 H1 H2 W2 W1 W3
W0
P1 F
D T
P
Notecolor code without regular direction
500 Pcs / Reel Specification Milimeter Tolerance Size 0.20 0.50 max. 0.80 max. 0.30 0.70 1.30 max. 0.50 0.50 max. 0.50 0.157 0.200 0.079 0.728 1.083 0.500 0.152 0.250 0.056 0.354 0.598 0.157 0.709
Item Tape feed hole diameter Compnent lead pitch Front-to-rear deflection Feed hole tobottom of component Feed hole to overall component height Feed hole pitch Lead location Center of component location Overall taped package thickness Feed hole location Adhesive tape width Adhesive tape position Tape width
Symbol Size D F H H1 H2 P P1 P2 T W0 W1 W2 W3 4.00 5.00 2.00 18.50 32.00 12.70 3.85 6.35 1.42 9.00 15.00 4.00 18.00
Inch Tolerance 0.008 0.020 max. 0.032 max. 0.012 0.028 0.051 max. 0.020 0.020 max. 0.020
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20091221-D PROD. NAME ABC'S DWG NO. PAGE: 4 RB0912L-
RADIAL INDUCTOR
ABC'S ITEM NO.
DWGING NUMBER EXPRESSION
R
B
0
9
1
2 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information Code A B C D E F G Box Bag T.B.D. T / B ( Box package ) Tray T / R ( Reel package ) Box Inner package Inner package Q'TY 200 200 T.B.D. 1000 160 500 200 pcs pcs pcs pcs Long L/W pcs pcs OEL Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20091221-D PROD. NAME PAGE: 5
RADIAL INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
RB0912L-
UL CARD
OBMW2 Magnet Wire-Component September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Mark Dsg ____
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
BC
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
Coat Typ
____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
OC
ANSI Type
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
Temp Class
220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
A not-for-profit organization dedicated to public safety and committed to quality service
Page 1 of 2
Mtl Dsg
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mark Dsg ____
____ ____ ____ ____ ____
BC
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
Coat Typ
OC
Polyamide ____ ____ ____ Nylon Polyamide
ANSI Type
MW80C MW2-C ___ MW75C MW28-C MW28-C
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or , material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AR-001A


▲Up To Search▲   

 
Price & Availability of RB0912100KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X